Part Number Hot Search : 
78M06 2SB1016 MAX99 GP20A THN6501Z BAS16T 04597 GW30N6
Product Description
Full Text Search
 

To Download MC100LVELT23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MC100LVELT23/D
Dual Differential LVPECL to TTL Translator
The MC100LVELT23 is a dual differential LVPECL to TTL translator. Because LVPECL (Positive ECL) levels are used only +3.3V and ground are required. The small outline 8-lead SOIC package and the dual gate design of the LVELT23 makes it ideal for applications which require the translation of a clock and a data signal. The LVELT23 is available in only the ECL 100K standard. Since there are no LVPECL outputs or an external VBB reference, the LVELT23 does not require both ECL standard versions. The LVPECL inputs are differential; there is no specified difference between the differential input 10H and 100K standards. Therefore, the MC100LVELT23 can accept any standard differential LVPECL input referenced from a VCC of 3.3V.
MC100LVELT23
* * * * * *
1)
2.0ns Typical Propagation Delay Differential LVPECL Inputs Small Outline SOIC Package 24mA TTL Outputs Flow Through Pinouts ESD Performance: Human Body Model 1200V; Machine Model 150V
D SUFFIX 8-LEAD PLASTIC SOIC PACKAGE CASE 751-06
Note: Pulling the output higher than VCC is not recommended. Doing so causes excessive leakage and possible latchup leading to reliability risk. PIN DESCRIPTION
D0 1
8
VCC
PIN Qn Dn VCC GND
FUNCTION TTL Outputs Diff LVPECL Inputs +3.3V Supply Ground
D0
2 LVPECL TTL
7
Q0
D1
3
6
Q1
D1
4
5
GND
Figure 1. 8-Lead Pinout and Logic Diagram
8/99
(c) Motorola, Inc. 1999
3-1
REV 1.0
MC100LVELT23
MAXIMUM RATINGS*
Symbol VCC TA TSTG Parameter DC Supply Voltage (Referenced to GND) Operating Temperature Range (In Free-Air) Storage Temperature Range Thermal Resistnace Through Package (No Air Flow) Value -0.5 to +3.8 -40 to 85 -55 to +150 130 Unit V C C C/W
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions.
TTL OUTPUT DC CHARACTERISTICS (VCC = 3.0V to 3.6V; TA = -40C to 85C)
Symbol VOH VOL ICCH ICCL IOS Characteristic Output HIGH Voltage Output LOW Voltage Power Supply Current Power Supply Current Output Short Circuit Current -80 20 28 Min 2.0 0.5 26 37 -130 Typ Max Unit V V mA mA mA Condition IOH = -3.0mA IOL = 24mA
PECL INPUT DC CHARACTERISTICS (VCC = 3.0V to 3.6V; TA = -40C to 85C)
-40C Symbol IIH IIL VCMR Characteristic Input HIGH Current Input LOW Current Common Mode Range D0, D1 D0, D1 -100 -100 1.2 VCC Min Max 150 -100 -100 1.2 100 VCC Min 0C Max 150 -100 -100 1.2 100 VCC Min 25C Typ Max 150 -100 -100 1.2 100 VCC 85C Min Max 150 Unit A A V mV Note 1. Condition
VPP Minimum Peak-to-Peak Input 100 1. 200mV input guarantees full logic swing at the output.
AC CHARACTERISTICS (VCC = 3.0V to 3.6V; TA = -40C to +85C)
-40C Symbol tPLH tPHL fmax tskpp tsk++ tsk- - Characteristic Propagation Delay (Note 2.) Propagation Delay (Note 2.) Max Input Frequency (Note 2.) Part-to-Part Skew (Note 2.) Output-to-Output Skew Output-to-Output Skew 330 Min 1.0 1.0 275 0.5 60 25 700 330 Typ 1.7 1.4 Max 3.0 3.0 Min 1.0 1.0 275 0.5 60 25 700 330 0C Typ 1.7 1.4 Max 3.0 3.0 Min 1.0 1.0 275 0.5 60 25 700 330 25C Typ 1.7 1.4 Max 3.0 3.0 Min 1.0 1.0 275 0.5 110 25 700 85C Typ 1.7 1.4 Max 3.0 3.0 Unit ns ns MHz ns ps ps ps
tr, tf Output Rise/Fall 2. CL = 20pF.
MOTOROLA
3-2
ECLinPS and ECLinPS Lite DL140 -- Rev 3
MC100LVELT23
D SUFFIX PLASTIC SOIC PACKAGE CASE 751-06 ISSUE T
A
8
D
5
C
E
1 4
H
0.25
M
B
M
h B C e A
SEATING PLANE
X 45 _
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETER. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
q
L 0.10 A1 B 0.25
M
CB
S
A
S
q
ECLinPS and ECLinPS Lite DL140 -- Rev 3
3-3
MOTOROLA
MC100LVELT23
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 2, Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong. - http://sps.motorola.com/mfax/ 852-26668334 HOME PAGE: http://motorola.com/sps/ JAPAN: Motorola Japan Ltd.; SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan. 81-3-5487-8488
MOTOROLA 3-4
MC100LVELT23/D ECLinPS and ECLinPS Lite DL140 -- Rev 3


▲Up To Search▲   

 
Price & Availability of MC100LVELT23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X